PART |
Description |
Maker |
1613EC |
Metallized Polycarbonate Capacitors
|
Electronic Film Capacitors, Inc.
|
1613EFR |
Metallized Polycarbonate Capacitors
|
Electronic Film Capacitors
|
MKC1862 MKC1862-310 MKC1862-310-F MKC1862-310-W MK |
Metallized Polycarbonate Film Capacitor Related Document: IEC 60 384-6
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
MB3828PFV-G-BND |
BOX, POLYCARBONATE IP67 CLEAR LIDBOX, POLYCARBONATE IP67 CLEAR LID; Length / Height, external:65mm; Width, external:230mm; Depth, external:80mm; Material:Polycarbonate; Colour:Grey; Approval Bodies:GL, CSA, Fimko, Gost R, EN 50298 Pentium DC/DC Converter IC
|
Fujitsu Limited Fujitsu Component Limited.
|
FKC3PCM10100/20/400VDCREEL18/360 FKC3PCM10330/10/4 |
CAPACITOR, FILM/FOIL, POLYCARBONATE, 400 V, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 400 V, 0.00033 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 160 V, 0.0015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 400 V, 0.001 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 400 V, 0.00047 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 160 V, 0.0047 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 160 V, 0.033 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 400 V, 0.0015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 630 V, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 160 V, 0.00015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 160 V, 0.0068 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 160 V, 0.001 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 400 V, 0.00015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 160 V, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, FILM/FOIL, POLYCARBONATE, 400 V, 0.0033 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Pulse Engineering, Inc.
|
MMKP383 |
AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type Double Metallized, boxed, 7,5-27,5mm pitch
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
1ML06-031-09AN05 1ML06031AN05 |
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper Thermoelectric Cooling Solutions
|
RMT Ltd.
|
JFT |
Metallized Polypropylene Film AC Capacitor Class-X1 This specifications cover the requirements of jb Metallized Polypropylene
|
jb Capacitors Company
|
CLP-126 |
Polycarbonate
|
Visual Communications Compa...
|
AKL |
Polystyrene and Polycarbonate
|
Altech corporation
|
TK75 |
POLYCARBONATE ENCLOSURE TK 75
|
Altech corporation
|
PJW4NUFS |
Pied en polycarbonate moule
|
Hammond Manufacturing Ltd.
|
|